PART |
Description |
Maker |
74ABT16952 74ABT16952DGG 74ABT16952DL BH16B952DGG |
Triple 3-input positive-NOR gates 14-SOIC 0 to 70 ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 RES, 5.1, 1/4W, TKF, 5%, 1210 16-bit registered transceiver 3-State
|
NXP Semiconductors N.V. Philips Semiconductors
|
SSTUM32866EC_G SSTUM32866EC_S SSTUM32866 SSTUM3286 |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-1G RDIMM applications
|
NXP Semiconductors
|
SSTUA32866EC-G |
1.8 V 25-bit 1 : 1 or 14-bit 1 : 2 configurable registered buffer with parity for DDR2-667 RDIMM applications
|
NXP Semiconductors
|
HD74ALVCH16269 |
12-bit to 24-bit Registered Bus Transceivers with 3-state Outputs
|
Renesas Electronics Corporation
|
PI74AVC16345K PI74AVC16345A PI74AVC16345 |
2.5V, Registered 1-Bit to 4-Bit Address Driver w/3-State Outputs
|
Pericom Semiconductor C... Pericom Semiconductor Corp.
|
HD74SSTV32852 HD74SSTV32852LBEL |
24-bit to 48-bit Registered Buffer with SSTL_2 Inputs and Outputs
|
Renesas Electronics Corporation
|
HD74ALVCH162270 |
12-bit to 24-bit Registered Bus Exchanger with 3-state Outputs
|
HITACHI[Hitachi Semiconductor]
|
74ABT16646CMTD 74ABT16646CSSC 74ABT16646 74ABT1664 |
Dual 8-bit Bus Transceiver ABT SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56 16-Bit Transceivers and Registers with 3-STATE Outputs 16位收发器和寄存器3态输
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
GS8161Z32D-166 GS8161Z32D-166I GS8161Z32D-166T GS8 |
512K X 36 ZBT SRAM, 6 ns, PBGA165 Dual Voltage Clamp 8-SM8 -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-SOIC -40 to 85 35.7流水线和流量,通过同步唑的SRAM 10-Bit Voltage Clamp 24-TVSOP -40 to 85 35.7流水线和流量,通过同步唑的SRAM 24-Bit to 48-Bit Registered Buffer with SSTL_2 Inputs and Outputs 114-BGA MICROSTAR 0 to 70 35.7流水线和流量,通过同步唑的SRAM RECTIFIER SCHOTTKY SINGLE 1A 20V 30A-Ifsm 0.5Vf 0.5A-IR SMA 5K/REEL 35.7流水线和流量,通过同步唑的SRAM 512K X 36 ZBT SRAM, 7 ns, PQFP100 TQFP-100 18Mb Pipelined and Flow Through Synchronous NBT SRAM 35.7流水线和流量,通过同步唑的SRAM GIGABASE 350 CAT5E PATCH 4 FT, SNAGLESS, PURPLE 35.7流水线和流量,通过同步唑的SRAM 22-Bit Voltage Clamp 48-TVSOP -40 to 85 Dual Voltage Clamp 8-US8 -40 to 85 GIGABASE 350 CAT5E PATCH 25 FT, SNAGLESS, PURPLE 8192 x 18 Synchronous FIFO Memory 80-LQFP 0 to 70 1024 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 RECTIFIER SCHOTTKY SINGLE 1A 30V 25A-Ifsm 0.41Vf 1A-IR SMA 5K/REEL CAT5E PATCH CORD PURPLE 5FT Replaced by SN74TVC16222A : 22-Bit Voltage Clamp 48-TSSOP -40 to 85 2048 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 64-TSSOP 0 to 70 ENHANCED PATCH CORD PURPLE 3 FT 13-Bit to 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 56-VQFN 0 to 70 14-Bit Registered Buffer With SSTL_2 Inputs and Outputs 48-TSSOP 0 to 70 26-Bit Registered Buffer with SSTL_2 Inputs and Outputs 96-LFBGA 0 to 70 Enhanced Product 26-Bit Registered Buffer With Sstl_2 Inputs And Lvcmos Outputs 96-LFBGA -40 to 85 10-Bit Voltage Clamp 24-TSSOP -40 to 85 4096 x 18 Synchronous FIFO Memory 64-TQFP 0 to 70 10-Bit Voltage Clamp 24-SSOP/QSOP -40 to 85 22-Bit Voltage Clamp 48-SSOP -40 to 85
|
http:// GSI Technology, Inc. Electronic Theatre Controls, Inc.
|
IDT74SSTVN16859C IDT74SSTVN16859CNL IDT74SSTVN1685 |
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
|
Integrated Device Technology
|
IDT74SSTV16859 IDT74SSTV16859NL IDT74SSTV16859PA |
13-BIT TO 26-BIT REGISTERED BUFFER WITH SSTL I/O
|
Integrated Device Technology
|